Part Number Hot Search : 
00103 IS42S 1NITN TCRC0912 P4VM800 2N297 WRB0512 7106Y
Product Description
Full Text Search
 

To Download NTE1561 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1561 Integrated Circuit 5 LED VU Level Meter
Description: The NTE1561 is a monolithic integrated circuit in a 9-Lead SIP type package designed for use as a 5 dot LED level meter driver. With a built-in rectifying amplifier, this device is suitable for AC/DC level meter applications such as VU meters or signal meters. Features: D Built-In High Gain Rectifying Amplifier (Av = 26dB) D Low Radiation Noise when LED Turns On D Logarithmic Indicator for Bar Type 5 Dot LED (-10, -5, 0, +3, +6dB) D Constant Current Output: IO = 15mA Typ D Wide Operating Supply Voltage Range: 3.5V to 16V D Minimum Number of External Components Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Amp Input Voltage, V8-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to VCC Pin7 Voltage, V7-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V D Terminal Output Voltage, VD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18V Circuit Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12mA D Terminal Output Current, ID . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA Power Dissipation, Pd . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1100mW Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11mW/C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 to +80C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Electrical Characteristics: (TA = +25C, VCC = 6V, f = 1kHz unless otherwise specified)
Parameter Circuit Current D Output Current Input Bias Current Amp Gain Comparator ON Level Symbol ICC IO IB Av GD1 GD2 GD3 GD4 GD5 Note 1 Vi = 0.1V Vi = 0V Vi = 0.15V Test Conditions Min - 11.0 -1 24 -12 -6 - 2.5 5.0 Typ 6.0 - 26 -10 -5 0 3.0 6.0 Max 8.5 0 28 -8 -4 - 3.5 7.0 Unit mA mA A dB dB dB dB dB dB
15.0 18.5
Note 1. Definition of 0dB: Input voltage level when GD3 turn ON (50mV).
Pin Connection Diagram (Front View)
9f VCC 8 Input 7 Amp Output 6 D5 5 GND 4 D4 3 D3 2 D2 1 D1
.870 (22.0)
.110 (2.8)
.235 (6.0) 1 9 .195 (5.0)
.100 (2.54) .800 (20.32)
.012 (0.30)


▲Up To Search▲   

 
Price & Availability of NTE1561

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X